Part Number Hot Search : 
MM1385 LA4275 MA4E2513 6N136 U1451A 50002 T89C5115 PRODUCTS
Product Description
Full Text Search
 

To Download NTE312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE312
N-Channel Silicon Junction Field Effect Transistor
Description: The NTE312 is a field effect transistor designed for VHF amplifier and mixer applications. The NTE312 comes in a TO-92 package. Features: D High Power Gain: 10dB Min at 400MHz D High Transconductance: 4000 mho Min at 400MHz D Low Crss: 1pF Max D High (Yfs) / Ciss Ratio (High-Frequency Figure-of-Merit) D Drain and Gate Leads Separated for High Maximum Stable Gain D Cross-Modulation Minimized by Square-Law Transfer Characteristic D For Use in VHF Amplifiers in FM, TV, and Mobile Communications Equipment Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Drain-Gate Voltage, VDG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Gate-Source Voltage, VGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30V Gate Current, IG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Total Device Dissipation (TA = +25C ), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 360mW Derate Above +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.88mW/C Total Device Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW Derate Above +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.0mW/C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Lead Temperature, During Soldering (1/16 Inch from Case for 10sec), TL . . . . . . . . . . . . . . . +260C
Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter OFF Characteristics Gate-Source Breakdown Voltage Gate Reverse Current Gate 1 Leakage Current Gate-Source Cutoff Voltage ON Characteristics Zero-Gate Voltage Drain Current Small-Signal Characteristics Forward Transfer Admittance Input Admittance |yfs| Re(yis) VDS = 15V, VGS = 0, f = 1kHz 100MHz VDS = 15V, VGS = 0 400MHz Output Admittance Output Conductance |yos| Re(yos) VDS = 15V, VGS = 0, f = 1kHz 100MHz VDS = 15V, VGS = 0 400MHz Forward Transconductance Input Capacitance Reverse Transfer Capacitance Input Susceptance Re(yfs) Ciss Crss IM(Yis) VDS = 15V, VGS = 0, f = 400MHz VDS = 15V, VGS = 0, f = 1.0MHz VDS = 15V, VGS = 0, f = 1.0MHz 100MHz VDS = 15V, VGS = 0 400MHz Functional Characteristics Noise Figure NF 100MHz VDS = 15V, ID = 5mA, i RiG = 1k 400MHz 100MHz VDS = 15V, ID = 5mA, i RiG = 1k 400MHz 100MHz VDS = 15V, VGS = 0 400MHz - - 18 10 - - - - - - - - 2.0 4.0 - - 1000 4000 dB dB dB dB mhos mhos 4500 - - - - - 4000 - - - - - - - - - - - - - - - 7500 100 1000 50 75 100 - 4.5 1.0 3.0 12.0 mhos mhos mhos mhos mhos mhos mhos pF pF mmho mmho IDSS VDS = 15V, VGS = 0, Note 1 5.0 - 15 mA V(BR)GSS IGSS IG1SS VGS(off) IG = -1.0A, VDS = 0 VGS = -20V, VDS = 0 VG1S = -20V, VDS = 0, TA = +100C VDS = 15V, ID = 10mA -30 - - -1.0 - - - - - -1.0 -0.5 -6.0 V nA A V Symbol Test Conditions Min Typ Max Unit
Common Source Power Gain
Gps
Output Susceptance
IM(Yos)
Note 1. tp = 100ms, Duty Cycle = 10%.
.135 (3.45) Min
.210 (5.33) Max
Seating Plane
.500 (12.7) Min
.021 (.445) Dia Max
GSD .100 (2.54) .050 (1.27)
.165 (4.2) Max
.105 (2.67) Max .105 (2.67) Max .205 (5.2) Max
NOTE: Drain and Source are interchangeable.


▲Up To Search▲   

 
Price & Availability of NTE312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X